Part Number Hot Search : 
S2100EA BZX97C33 T1664 11411822 PM45100K 1002F ES901 1N5250
Product Description
Full Text Search
 

To Download KBPC3500I07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC3500I ... KBPC3510I
KBPC3500I ... KBPC3510I
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter Version 2006-08-11
28.6
0.2
7.3
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung Plastik case - Plastikgehause Weight approx. - Gewicht ca.
35 A 35...700 V 28.6 x 28.6 x 7.3 [mm] 17 g
+
~
~
Type
O 5.2
= 5 5 5
= 17
2.0
0.5
O 1.2
Compound has classification UL94V-0 Vergussmasse nach UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
Dimensions - Mae [mm]
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ KBPC3500I KBPC3501I KBPC3502I KBPC3504I KBPC3506I KBPC3508I KBPC3510I Max. alternating input voltage Max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
f > 15 Hz TA = 25C TA = 25C TA = 25C
IFRM IFSM IFSM i2t Tj TS
80 A 2) 375 A 400 A 660 A2s -50...+150C -50...+150C
1 2
Valid per diode - Gultig pro Diode Valid, if the temperature of the case is kept to TC = 120C - Gultig, wenn die Gehausetemperatur auf TC = 120C gehalten wird http://www.diotec.com/
(c) Diotec Semiconductor AG
1
KBPC3500I ... KBPC3510I Characteristics Max. current with cooling fin 300 cm Dauergrenzstrom mit Kuhlblech 300 cm2
1
Kennwerte TA = 50C Tj = 25C Tj = 25C R-load C-load IF = 17.5 A VR = VRRM IFAV IFAV VF IR VISO RthC 10-32 UNF M5 35 A 28 A < 1.1 V 2) < 25 A > 2500 V < 1.5 K/W 18 10% lb.in. 2 10% Nm
Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
120 [%] 100
10
3
[A] 10
2
80
Tj = 125C Tj = 25C
60
10
40 1 20 IFAV 0 0 TA 50 100 150 [C]
1
IF 10-1
375a-(17.5a-1.1v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1 2
Valid, if the temperature of the case is kept to TC = 120C - Gultig, wenn die Gehausetemperatur auf TC = 120C gehalten wird Valid per diode - Gultig pro Diode http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of KBPC3500I07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X